Part Number Hot Search : 
AJ40C CPC1727J WS090050 MTZJ18 HV238FG FR202G 40138 E2010
Product Description
Full Text Search
 

To Download NLE100M25V5X7F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  84 ? nic components corp. www .niccomp. com www .lowesr. com www .rfpassives. com www .smtmagnetics. com miniature aluminum electrolytic capacitors subminiature, low-leakage current, radial lead, polarized features ? low profile, 7mm height ? low leakage current & low noise ? low cost replacement for many tantalum applications nle series characteristics precautions please review the notes on correct use, safety and precautions found on pages t10 & t11 of nic?s electrolytic capacitor catalog . also found at www.niccomp.com/precautions if in doubt or uncertainty, please review your speci c application - process details with nic?s technical support personnel: tpmg@niccomp.com rated voltage range 6.3 ~ 50vdc capacitance range 1.0 ~ 100 f operating temperature range -40 ~ +85c capacitance tolerance 20%(m) max. leakage current after 2 minutes at +20c 0.002cv or 0.4 a, whichever is greater surge voltage & max. tan @ 120hz/+20c w.v. (vdc) 6.3 10 16 25 35 50 s.v. (vdc) 8 13 20 32 44 63 tan 0.20 0.18 0.16 0.14 0.12 0.10 low temperature stability (impedance ratio @ 120hz) z-25c/z+20c 432222 z-40c/z+20c 864433 load life test at rated w.v. & +85c 1,000 hours capacitance change within 20% of initial measured value tan less than 200% of speci ed maximum value leakage current less than speci ed maximum value rohs compliant includes all homogeneous materials *see part number system for details cap. ( f) code working voltage (vdc) 6.3 10 16 25 35 50 1.0 1r0 - - - - - 4x7 2.2 2r2 - - - - - 4x7 3.3 3r3 - - - - - 4x7 4.7 4r7 - - - - 4x7 5x7 10 100 - - 4x7 5x7 5x7 6.3x7 22 220 4x7 5x7 5x7 6.3x7 6.3x7 - 33 330 5x7 5x7 6.3x7 6.3x7 - - 47 470 5x7 6.3x7 6.3x7 - - - 100 101 6.3x7 6.3x7 6.3x7 - - - lead spacing and diameter (mm) d 0.05 sleeve f 0.5 d 4mm min. 15mm min. l + max. polarity marking case dia. (d ) 4 5 6.3 lead dia. (d ) 0.45 0.5 0.5 lead spacing (f) 1.5 2.0 2.5 dim. 0.5 0.5 0.5 dim. 1.0 1.0 1.0 standard product and case size table d x l (mm) http://
85 ? nic components corp. www .niccomp. com www .lowesr. com www .rfpassives. com www .smtmagnetics. com miniature aluminum electrolytic capacitors nle series part number cap. ( f) w.v. (vdc)) dissipation factor +20c/120hz ripple current rating (ma) +85c/120hz max. esr ( ) +20c/120hz load life hours @ +85c nle220m6.3v4x7f 22 6.3 0.20 34 18.1 1,000 nle330m6.3v5x7f 33 0.20 42 12.1 1,000 nle470m6.3v5x7f 47 0.20 50 8.47 1,000 nle101m6.3v6.3x7f 100 0.20 77 3.98 1,000 nle220m10v5x7f 22 10 0.18 38 15.1 1,000 nle330m10v5x7f 33 0.18 47 10.1 1,000 nle470m10v6.3x7f 47 0.18 59 7.06 1,000 nle101m10v6.3x7f 100 0.18 82 3.32 1,000 nle100m16v4x7f 10 16 0.16 29 25.6 1,000 nle220m16v5x7f 22 0.16 44 12.1 1,000 nle330m16v6.3x7f 33 0.16 57 8.05 1,000 nle470m16v6.3x7f 47 0.16 68 5.65 1,000 nle101m16v6.3x7f 100 0.16 95 2.26 1,000 NLE100M25V5X7F 10 25 0.14 33 23.2 1,000 nle220m25v6.3x7f 22 0.14 51 10.6 1,000 nle330m25v6.3x7f 33 0.14 63 7.04 1,000 nle4r7m35v4x7f 4.7 35 0.12 24 42.3 1,000 nle100m35v5x7f 10 0.12 36 19.9 1,000 nle220m35v6.3x7f 22 0.12 57 9.05 1,000 nle1r0m50v4x7f 1.0 50 0.10 10 166 1,000 nle2r2m50v4x7f 2.2 0.10 19 75.5 1,000 nle3r3m50v4x7f 3.3 0.10 24 50.3 1,000 nle4r7m50v5x7f 4.7 0.10 29 35.3 1,000 nle100m50v6.3x7f 10 0.10 44 16.6 1,000 part number system nle size (d ? x l) 4x7 series 1r0 capacitance code m tolerance code 50v rated voltage f rohs compliant standard product, specifications and case sizes d x l (mm)
198 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com miniature aluminum electrolytic capacitors taping speci cations taping dimensions (mm) taping dimensions (mm) note: anode (+) lead feeds off first. for option of negative ( _ ) lead first, specify ?tbn?. standard radial taping (5mm lead spacing, formed leads) tb case dia. (d ) 10 12.5 case size all all dim. d 0.05 0.6 0.6 h 0.75 19.0 19.0 f +0.8 ~ -0.2 5.0 5.0 p 1.0 25.4* p 0 12.7 0.2 p 1 3.85 p 2 6.35 1.0 w 18.0 0.5 w 0 11.5 min w 1 9.0 0.5 w 2 0 ~ 2.5 h 0 16.0 0.5 i 1.0 max. d 0 4.0 0.2 h 0 1.0 (at top of can) t 0.7 0.2 (not including lead) *optional taping speci cations 10mm diameter available with p dim. = 12.7mm (p/n suf x: tb12.7mmp) 12.5mm diameter available with p dim. = 15mm, p 1 = 5.0mm, p 0 = 15.0mm & p 2 = 7.5mm (p/n suf x: tb15mmp) case dia. (d ) 4 5 6.3 8 case size 4x5 4x7 5x5 5x7 5x11 6.3x5 6.3x7 6.3x11 8x11.5 dim. d 0.05 0.45 0.45 0.5 0.45 0.5 0.6 h 0.75 17.5 17.5 18.5 17.5 18.5 20.0 f +0.8 ~ -0.2 5.0 -02 ~ +0.8 p 12.7 1.0 p 0 12.7 0.2 p 1 3.85 0.5 (at end of tape) p 2 6.35 1.0 w 18.0 0.5 w 0 11.5 min. w 1 9.0 0.5 w 2 0 ~ 2.5 h 0 16.0 0.5 i 1.0 max. d 0 4.0 0.2 h 0 1.0 (at top of can) t 0.7 0.2 (not including lead) standard radial taping (5mm lead spacing, straight leads) tb p 2 p ? d p 1 w 2 w 0 w 0 p 0 f s ? d 0 ? d w h h 0 1max t h 1max t h p 2 p ? d p 1 w 2 w 0 w 0 p 0 f s ? d 0 ? d w 1 h
199 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com taping dimensions (mm) special straight lead taping tbst special radial taping (2.5mm lead spacing, formed leads) tbf1 case dia. (d ) 4 5 6.3 8 case size 4x5 4x7 5x5 5x7 5x11 6.3x5 6.3x7 6.3x11 8x11.5 dim. d 0.05 0.45 0.45 0.5 0.45 0.5 0.6 h 0.75 17.5 17.5 18.5 17.5 18.5 20.0 f +0.8 ~ -0.2 2.0* 2.0 2.0 2.5 2.5 3.5 p 1.0 12.7 0.2 p 0 12.7 0.2 p 1 5.1 5.1 5.1 5.1 5.1 4.6 p 2 6.35 1.0 w 18.0 0.5 w 0 11.5 min. w 1 9.0 0.5 w 2 0 ~ 2.5 h 0 16.0 0.5 i 1.0 max. d 0 4.0 0.2 h 0 1.0 (at top of can) t 0.7 0.2 (not including lead) * parts with 4mm diameter are taped with a slight are in the lead and a 2.0mm lead-space. miniature aluminum electrolytic capacitors taping speci cations case dia. (d ) 45 case size 4x5 4x7 5x5 5x7 5x11 dim. d 0.05 0.45 0.45 0.5 h 0.75 17.5 17.5 18.5 h 0 0.5 16.0 - - f 2.5 -02 ~ +0.8 p 12.7 1.0 p 0 12.7 0.2 p 1 5.1 0.5 p 2 6.35 1.0 w 18.0 0.5 w 0 11.5 min. w 1 9.0 0.5 w 2 0 ~ 1.5 i 1.0 max. d 0 4.0 0.2 h 0 1.0 t 0.7 0.2 taping dimensions (mm) 1max t h p 2 p ? d p 1 w 2 w 0 w 0 p 0 f s ? d 0 ? d w 1 h p 2 p ? d p 1 w 2 w 0 w 0 p 0 f s ? d 0 ? d w h 1max t h h 0
200 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com miniature aluminum electrolytic capacitors radial taped packaging taping speci cations ammo box (tape & box) tb, tbf1, tbst size of box and component quantity *special taping consult factory for availability ammo box dimensions (mm) scored corner l h w label - case dia (d ) or case size q'ty per box (pcs) dim. l dim. h dim. w 4x5, 4x7 2,000 331 175 43 5x5, 5x7 2,000 331 220 43 5x11 2,000 340 255 55 6.3x5, 6.3x7 2,000 331 280 43 6.3x11 2,000 331 280 48 8x11.5, 8x12.5 1,000 335 235 53 10x12.5* 500 335 190 53 10x16* 500 335 300 53 10x20* 500 335 300 55 12.x20* 500 335 300 55 12.5x25* 500 335 300 61


▲Up To Search▲   

 
Price & Availability of NLE100M25V5X7F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X